|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www..com OM7800IH Series ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic JEDEC TO-257AA Package FEATURES * * * * * * Isolated Hermetic Package, JEDEC TO-257AA Outline Output Voltages: 5V, 12V, 15V (Other Voltages Available) Output Voltages Set Internally To 1% or 2% Built-In Thermal Overload Protection Short Ciruit Current Limiting Product Is Available Screened To OM803 DESCRIPTION These three terminal positive regulators are supplied in a hermetically sealed metal package whose outline is similar to the industry standard TO-220 plastic package. All protective features are designed into the circuit including thermal shutdown, current limiting and safe-area control. With heat sinking, they can deliver over 1.5 amps of output current. These units feature internally trimmed output voltages to 1% or 2% of nominal voltage. Standard voltages are 5V, 12V, and 15V. However, other voltages are available up to 24 volts. These units are ideally suited for Military applications where a hermetically sealed package is required. ABSOLUTE MAXIMUM RATINGS @ 25C Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 V Operating Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . - 55C to + 150C Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . - 65C to + 150C Typical Power/Thermal Characteristics: Rated Power @ 25 C TC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17.5W TA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3W Thermal Resistance qJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.2C/W qJA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42C/W Notes: Product also available in Non-Isolated construction. To order this version, delete "I" from part number. Example: Isolated Non-Isolated OM78XXIH OM78XXH Use letter "A" after part number to designate 1% output voltage tolerance. Example: OM7805AIH 3.3 4 11 R4 Supersedes 1 07 R3 3.3 - 217 www..com OM7800IH Series ELECTRICAL CHARACTERISTICS 5 Volt Parameter Output Voltage Symbol VOUT VRLINE VIN = 10V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 4.92 Max. 5.08 5.15 5 Unit V V mV mV mV mV mV mV mV mV mA mA mA Test Conditions TA = 25C VIN = 7.5V to 20V Line Regulation (Note 1) VIN = 8.0V to 12V VIN = 7.5V to 20V * * * 4.85 12 4 10 12 Load Regulation (Note 1) VRLOAD IO = 5mA to 1.5 Amp * IO = 250mA to 750 mA 25 6 * Standby Current Drain ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT Output Noise Voltage (Note 3) Long Term Stability (Note 3) DVOUT Dt TA = 25C, t = 1000 hrs. NO TA = 25C, DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 7.5V to 20V 15 6 Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection * * * 6.5 0.8 0.5 mA 2.5 3.3 1.2 V A A A dB dB * f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz 66 2.8 * 60 40 V/V RMS 75 mV ELECTRICAL CHARACTERISTICS 12 Volt Parameter Output Voltage Symbol VOUT VRLINE VIN = 19V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 11.88 Max. 12.12 12.36 18 Unit V V mV mV mV mV mV mV mV mV mA mA mA Test Conditions TA = 25C VIN = 14.5V to 27V * * 11.64 Line Regulation (Note 1) VIN = 14.5V to 27V VIN = 16V to 22V 50 9 * Load Regulation (Note 1) IO = 250mA to 750 mA VRLOAD IO = 5mA to 1.5 Amp 30 32 * * 60 20 40 6.0 Standby Current Drain ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V IO = 5mA to 1000mA VIN = 15V to 30V Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage * * * * 1.5 6.5 0.8 0.5 mA 2.5 3.3 1.2 V A A A dB dB 3.3 Peak Output Current Short Circuit Current (Note 2) Ripple Rejection * f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 61 2.8 * 54 40 Output Noise Voltage (Note 3) Long Term Stability (Note 3) V/V RMS 120 mV Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range. 3.3 - 218 www..com OM7800IH Series ELECTRICAL CHARACTERISTICS 15 Volt Parameter Output Voltage Symbol VOUT VRLINE VIN = 23V, Io = 500mA, -55C TA 125C (unless otherwise specified) Min. 14.8 Max. 15.2 15.4 20 Unit V V mV mV mV mV mV mV mV mV mA mA mA Test Conditions TA = 25C VIN = 18.5V to 30V * * 14.6 Line Regulation (Note 1) VIN = 17.5V to 30V VIN = 20V to 26V 50 15 * Load Regulation (Note 1) VRLOAD IO = 5mA to 1.5 Amp IO = 5mA to 1.0 Amp IO = 250mA to 750 mA 25 35 * * 75 21 45 6.0 Standby Current Drain ISCD DISCD (Line) DISCD (Load) VDO IO (pk) IDS DVIN DVOUT NO DVOUT Dt TA = 25C, DVOUT = 100mV, IO = 1.0A TA = 25C VIN = 35V 1.5 IO = 5mA to 1000mA VIN = 18.5V to 30V Standby Current Drain Change With Line Standby Current Drain Change With Load Dropout Voltage Peak Output Current Short Circuit Current (Note 2) Ripple Rejection * * * 6.5 0.8 0.5 mA 2.5 3.3 1.2 V A A A dB dB * f =120 Hz, DVIN = 10V (Note 3) TA = 25C, f =10 Hz to 100KHz TA = 25C, t = 1000 hrs. 54 2.8 * 52 40 Output Noise Voltage (Note 3) Long Term Stability (Note 3) V/V RMS 150 mV Notes: 1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used. Changes in output voltage due to heating effects must be taken into account separately. 2. Short Circuit protection is only assured up to VIN = 35V. 3. If not tested, shall be guaranteed to the specified limits. The * denotes the specifications which apply over the full operating temperature range. TYPICAL PERFORMANCE CHARACTERISTICS PEAK OUTPUT 3.5 3 DROPOUT VOLTAGE 2.5 100 IOUT = 1A RIPPLE REJECTION Tj = -55C Input To Output Differential (V) 2.5 2 1.5 Tj = 150C Tj = 25C 1.5 IOUT = 0A IOUT = 500mA Ripple Rejection (dB) 2 80 VOUT = 5V 3.3 Output Current (A) 60 1 40 1 0.5 DVOUT = 100mV 0.5 DVOUT = 100MV VIN - V = 8VDC + 3.5 Vrms IOUT = 1A Tj = 25C 20 25 50 75 100 125 150 10 100 1k 10k 100k 0 0 5 10 15 20 25 30 35 0 -75 -50 -25 0 Input To Output Differential (V) Junction Temperature (C) Frequency (Hz) 3.3 - 219 www..com OM7800IH Series TYPICAL APPLICATIONS Fixed Output Regulator Circuit For Increasing Output Voltage INPUT OM78XX OM7662SC OUTPUT INPUT OM7605SC VXX R1 0.1F OM78XX OUTPUT 1Ft 0.1F* 1F IQ R2 *Increasing value of output capacitor improves system transient response. tRequired only if regulator is located an appreciable distance from power supply filter. VO = VXX (1+ R1 ) + IQ R2 R2 High Output Current, Short Circuit Protected INPUT R1 Adjustable Output Regulator, 7 To 30 Volts RSC 2N6124 2N4398 INPUT OUTPUT 0.33F 1F OM7662SC OM78XX LM741 OUTPUT OM7662SC OM78XX 1F 0.1F 10K + MECHANICAL OUTLINE .420 .410 .200 .190 .045 .035 .665 .645 .537 .527 .430 .410 .038 MAX. PIN CONNECTION Tab 3.3 .150 .140 .750 .500 .005 OM78XXIH Isolated Front View Pin 1: Input Pin 2: Ground Pin 3: Output Tab: Isolated 1 23 OM78XXH Non-Isolated Front View Pin 1: Input Pin 2: Ground Pin 3: Output Tab: Ground .035 .025 .100 TYP. .120 TYP. Note: * Case is metal/hermetically sealed * Isolated Tab 205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246 |
Price & Availability of 7812H |